| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF5199 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF5199 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 110 page ![]() Pinouts and pin description STM8AF52/62xx, STM8AF51/61xx 36/110 Doc ID 14395 Rev 9 61 --- PI4 I/O X X— — O1X X Port I4 —— 62 --- PI5 I/O X X— — O1X X Port I5 —— 63 49 - - PG5 I/O X X— — O1X X Port G5 —— 64 50 - - PG6 I/O X X— — O1X X Port G6 —— 65 51 - - PG7 I/O X X— — O1X X Port G7 —— 66 52 - - PE4 I/O X XX — O1 X X Port E4 —— 67 53 37 - PE3/TIM1_BKIN I/O X XX — O1 X X Port E3 Timer 1 - break input — 68 54 38 - PE2/I2C_SDA I/O X —X — O1 T(2) - Port E2 I2C data — 69 55 39 - PE1/I2C_SCL I/O X —X — O1 T(2) - Port E1 I2C clock — 70 56 40 - PE0/CLK_CCO I/O X XX — O3 X X Port E0 Configurable clock output — 71 --- PI6 I/O X X— — O1X X Port I6 —— 72 --- PI7 I/O X X— — O1X X Port I7 —— 73 57 41 25 PD0/TIM3_CH2 I/O X XX HS O3 X X Port D0 Timer 3 - channel 2 TIM1_BKIN [AFR3]/ CLK_CCO [AFR2] 74 58 42 26 PD1/SWIM(3) I/O X X XHS O4 X X Port D1 SWIM data interface — 75 59 43 27 PD2/TIM3_CH1 I/O X XX HS O3 X X Port D2 Timer 3 - channel 1 TIM2_CH3 [AFR1] 76 60 44 28 PD3/TIM2_CH2 I/O X XX HS O3 X X Port D3 Timer 2 - channel 2 ADC_ETR [AFR0] 77 61 45 29 PD4/TIM2_CH1/ BEEP I/O X XX HS O3 X X Port D4 Timer 2 - channel 1 BEEP output [AFR7] 78 62 46 30 PD5/ LINUART_TX I/O X XX — O1 X X Port D5 LINUART data transmit — 79 63 47 31 PD6/ LINUART_RX I/O X XX — O1 X X Port D6 LINUART data receive — X 80 64 48 32 PD7/TLI(4) I/O X XX — O1 X X Port D7 Top level interrupt — Table 13. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |