| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF51A8 bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF51A8 bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 110 page ![]() STM8 development tools STM8AF52/62xx, STM8AF51/61xx 100/110 Doc ID 14395 Rev 9 13.2 Software tools STM8 development tools are supported by a complete, free software package from STMi- croelectronics that includes ST visual develop (STVD) IDE and the ST visual programmer (STVP) software interface. STVD provides seamless integration of the Cosmic and Raiso- nance C compilers for STM8. 13.2.1 STM8 toolset The STM8 toolset with STVD integrated development environment and STVP programming software is available for free download at www.st.com. This package includes: ST visual develop Full-featured integrated development environment from STMicroelectronics, featuring: ● Seamless integration of C and ASM toolsets ● Full-featured debugger ● Project management ● Syntax highlighting editor ● Integrated programming interface ● Support of advanced emulation features for STice such as code profiling and coverage ST visual programmer (STVP) Easy-to-use, unlimited graphical interface allowing read, write and verification of the STM8A microcontroller’s Flash memory. STVP also offers project mode for saving programming configurations and automating programming sequences. 13.2.2 C and assembly toolchains Control of C and assembly toolchains is seamlessly integrated into the STVD integrated development environment, making it possible to configure and control the building of your application directly from an easy-to-use graphical interface. Available toolchains include: C compiler for STM8 All compilers are available in free version with a limited code size depending on the compiler. For more information, refer to www.cosmic-software.com, www.raisonance.com, and www.iar.com. STM8 assembler linker Free assembly toolchain included in the STM8 toolset, which allows you to assemble and link your application source code. |