công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AF6146 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện STM8AF6146
Giải thích chi tiết về linh kiện  Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6146 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button STM8AF6146 Datasheet HTML 4Page - STMicroelectronics STM8AF6146 Datasheet HTML 5Page - STMicroelectronics STM8AF6146 Datasheet HTML 6Page - STMicroelectronics STM8AF6146 Datasheet HTML 7Page - STMicroelectronics STM8AF6146 Datasheet HTML 8Page - STMicroelectronics STM8AF6146 Datasheet HTML 9Page - STMicroelectronics STM8AF6146 Datasheet HTML 10Page - STMicroelectronics STM8AF6146 Datasheet HTML 11Page - STMicroelectronics STM8AF6146 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
Introduction
STM8AF61xx, STM8AF62xx
8/89
Doc ID 14952 Rev 6
1
Introduction
This datasheet refers to the STM8AF61xx (STM8AF612x, STM8AF614x, STM8AF6166,
and STM8AF6168) and STM8AF62xx products with 16 to 32 Kbytes of Flash program
memory.
In the order code, the letter ‘F’ refers to product versions with data EEPROM and ‘H’ refers
to product versions without data EEPROM. The identifiers ‘F’ and ‘H’ do not coexist in a
given order code.
The datasheet contains the description of family features, pinout, electrical characteristics,
mechanical data and ordering information.
●
For complete information on the STM8A microcontroller memory, registers and
peripherals, please refer to STM8S and STM8A microcontroller families reference
manual (RM0016).
●
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM8 Flash programming manual (PM0051).
●
For information on the debug and SWIM (single wire interface module) refer to the
STM8 SWIM communication protocol and debug module user manual (UM0470).
●
For information on the STM8 core, please refer to the STM8 CPU programming manual
(PM0044).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89