| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8314ECVRADDA bảng dữ liệu(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8314ECVRADDA bảng dữ liệu(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 101 page ![]() MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2 74 Freescale Semiconductor Package and Pin Listings Table 66. MPC8314E TEPBGA II Pinout Listing Signal Package Pin Number Pin Type Power Supply Note DDR Memory Controller Interface MEMC_MDQ[0] AF16 I/O GVDD — MEMC_MDQ[1] AE17 I/O GVDD — MEMC_MDQ[2] AH17 I/O GVDD — MEMC_MDQ[3] AG17 I/O GVDD — MEMC_MDQ[4] AG18 I/O GVDD — MEMC_MDQ[5] AH18 I/O GVDD — MEMC_MDQ[6] AD18 I/O GVDD — MEMC_MDQ[7] AF19 I/O GVDD — MEMC_MDQ[8] AH19 I/O GVDD — MEMC_MDQ[9] AD19 I/O GVDD — MEMC_MDQ[10] AG20 I/O GVDD — MEMC_MDQ[11] AH20 I/O GVDD — MEMC_MDQ[12] AH21 I/O GVDD — MEMC_MDQ[13] AE21 I/O GVDD — MEMC_MDQ[14] AH22 I/O GVDD — MEMC_MDQ[15] AD21 I/O GVDD — MEMC_MDQ[16] AG10 I/O GVDD — MEMC_MDQ[17] AH9 I/O GVDD — MEMC_MDQ[18] AH8 I/O GVDD — MEMC_MDQ[19] AD11 I/O GVDD — MEMC_MDQ[20] AH7 I/O GVDD — MEMC_MDQ[21] AG7 I/O GVDD — MEMC_MDQ[22] AF8 I/O GVDD — MEMC_MDQ[23] AD10 I/O GVDD — MEMC_MDQ[24] AE9 I/O GVDD — MEMC_MDQ[25] AH6 I/O GVDD — MEMC_MDQ[26] AH5 I/O GVDD — MEMC_MDQ[27] AG6 I/O GVDD — MEMC_MDQ[28] AH4 I/O GVDD — MEMC_MDQ[29] AE6 I/O GVDD — MEMC_MDQ[30] AD8 I/O GVDD — MEMC_MDQ[31] AF5 I/O GVDD — MEMC_MDM0 AE18 O GVDD — MEMC_MDM1 AE20 O GVDD — MEMC_MDM2 AE10 O GVDD — |