công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8314EEC bảng dữ liệu(PDF) 100 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8314EEC
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314EEC bảng dữ liệu(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8314EEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 101Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 100 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
100
Freescale Semiconductor
Revision History
27 Revision History
This table summarizes a revision history for this document.
Table 79. Revision History
Revision
Date
Substantive Change(s)
2
11/2011
• In Table 66:
–
Corrected Note 10 to pull down.
–
Added pull up information.
1
11/2011
• Added Notes 4, 5, 6, and 7 in Table 2.
•In Table 6:
–
Decoupled PCI_CLK and SYS_CLK_IN rise and fall times.
–
Relaxed maximum rise/fall time of SYS_CLK_IN from 1.2 ns to 4 ns.
–
Modified Note 2.
–
Updated SYS_CLK_IN/PCI_CLK frequency from 66 MHz to 66.67 MHz.
• Added Note 4 to Table 9.
• Added a note stating “eTSEC should be interfaced with peripheral operating at same voltage level.”
in Section 9.1.1, “MII, RMII, RGMII, and RTBI DC Electrical Characteristics.”
• Added a note in Table 26 stating “The frequency of RX_CLK should not exceed the TX_CLK by
more than 300 ppm."
• Added a note in Table 29 stating “The frequency of RX_CLK should not exceed the GTX_CLK125
by more than 300 ppm
•In Table 42, changed min/max values of tCLK_TOL from 0.05 to 0.005.
• Added tLALEHOV parameter to Table 44
• Replaced 50 with 50
in Section 16.5, “Receiver Compliance Eye Diagrams.”
•In Table 66:
–
Added Pull up and Pull down information.
–
Removed Note 2 from TSEC_MDIO.
• Removed configuration 2 from Table 73.
• Removed Preliminary from Section 24, “Thermal.”
• Removed MDIO signal from Section 25.7, “Pull-Up Resistor Requirements” as this signal is not
open drain.
• Replaced LCCR with LCRR throughout.
• Replaced SYS_CLKIN with SYS_CLK_IN throughout.
• Replaced all LBIUCM with LBCM.
• Replaced all SYS_CR_CLK_IN and SYS_CR_CLK_OUT with SYS_XTAL_IN and
SYS_XTAL_OUT, respectively. Replaced all USB_CR_CLK_IN and USB_CR_CLK_OUT with
USB_XTAL_IN and USB_XTAL_OUT, respectively.
• Added rise/fall time spec for TDM CLK
0
05/2009
Initial public release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com