| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDW2520C bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
FDW2520C bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 22 page ![]() REV. –2– ADN8830–SPECIFICATIONS (@ VDD = 3.3 V to 5.0 V, VGND = 0 V, TA = 25 C, TSET = 25 C, using typical application configuration as shown in Figure 1, unless otherwise noted.) Parameter Symbol Conditions Min Typ Max Unit TEMPERATURE STABILITY Long-Term Stability Using 10 k Ω thermistor with = –4.4% at 25 °C 0.01 °C PWM OUTPUT DRIVERS Output Transition Time tR, tF CL = 3,300 pF 20 ns Nonoverlapping Clock Delay 50 65 ns Output Resistance RO (N1, P1) IL = 50 mA 6 Ω Output Voltage Swing OUT A VLIM = 0 V 0 VDD V Output Voltage Ripple OUT A fCLK = 1 MHz 0.2 % Output Current Ripple ITEC fCLK = 1 MHz 0.2 % LINEAR OUTPUT AMPLIFIER Output Resistance RO, P2 IOUT = 2 mA 85 Ω RO, N2 IOUT = 2 mA 178 Ω Output Voltage Swing OUT B 0 VDD V POWER SUPPLY Power Supply Voltage VDD 3.0 5.5 V Power Supply Rejection Ratio PSRR VDD = 3.3 V to 5 V, VTEC = 0 V 80 92 dB –40 °C ≤ T A ≤ +85°C60 dB Supply Current ISY PWM not switching 8 12 mA –40 °C ≤ TA ≤ +85°C15 mA Shutdown Current ISD Pin 10 = 0 V 5 μA Soft-Start Charging Current ISS 15 μA Undervoltage Lockout VOLOCK Low-to-high threshold 2.0 2.7 V ERROR AMPLIFIER Input Offset Voltage VOS VCM = 1.5 V 50 250 μV Gain AV, IN 20 V/V Input Voltage Range VCM 0.2 2.0 V Common-Mode Rejection Ratio CMRR 0.2 V < VCM < 2.0 V 58 68 dB –40 °C ≤ TA ≤ +85°C55 dB Open-Loop Input Impedance RIN 1G Ω Gain-Bandwidth Product GBW 2 MHz REFERENCE VOLTAGE Reference Voltage VREF IREF < 2 mA 2.37 2.47 2.57 V OSCILLATOR Synchronization Range fCLK Pin 25 connected to external clock 200 1,000 kHz Oscillator Frequency fCLK Pin 24 = VDD; (R = 150 k Ω; 800 1,000 1,250 kHz Pin 25 = GND) LOGIC CONTROL * Logic Low Input Threshold 0.2 V Logic High Input Threshold 3 V Logic Low Output Level 0.2 V Logic High Output Threshold VDD – 0.2 V *Logic inputs meet typical CMOS I/O conditions for source/sink current (~1 μA). Specifications subject to change without notice. D |