công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA335W13TR bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện STA335W13TR
Giải thích chi tiết về linh kiện  2.0-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335W13TR bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button STA335W13TR Datasheet HTML 33Page - STMicroelectronics STA335W13TR Datasheet HTML 34Page - STMicroelectronics STA335W13TR Datasheet HTML 35Page - STMicroelectronics STA335W13TR Datasheet HTML 36Page - STMicroelectronics STA335W13TR Datasheet HTML 37Page - STMicroelectronics STA335W13TR Datasheet HTML 38Page - STMicroelectronics STA335W13TR Datasheet HTML 39Page - STMicroelectronics STA335W13TR Datasheet HTML 40Page - STMicroelectronics STA335W13TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
STA335W
Application
37/43
6
Application
6.1
Application scheme for power supplies
Here in the next figure the typical application scheme for STA335W concerning the power
supplies. A particular care has to be devoted to the layout of the PCB. In particular all the
decoulpling capacitors have to be put as much as possible closed to the device to limit
spikes on all the supplies.
Figure 9.
Application scheme for power supplies
6.2
PLL filter schematic
It is recommended to use the above scheme and values for the PLL loop filter to achieve the
best performances from the device in general application. Please be noted that the ground
of this filter scheme has to be connected to the ground of the PLL without any resistive path.
Concerning the component values, please take into account that the greater is the filter
bandwidth, the less is the lock time but the higher is the PLL output jitter.
6.3
Typical output configuration
Here after the typical output configuration used for BTL stereo mode. Please refer to the
application note for all the other possible output configuration recommended schematics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com