| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2020AT-30ES bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2020AT-30ES bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 286 page ![]() © 2006 Microchip Technology Inc. Preliminary DS70178C-page 11 dsPIC30F1010/202X Table 1-1 provides a brief description of device I/O pinouts for the dsPIC30F1010 and the functions that may be multiplexed to a port pin. Multiple functions may exist on one port pin. When multiplexing occurs, the peripheral module’s functional requirements may force an override of the data direction of the port pin. TABLE 1-1: PINOUT I/O DESCRIPTIONS FOR dsPIC30F1010 Pin Name Pin Type Buffer Type Description AN0-AN5 I Analog Analog input channels. AVDD P P Positive supply for analog module. AVSS P P Ground reference for analog module. CLKI CLKO I O ST/CMOS — External clock source input. Always associated with OSC1 pin function. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in RC and EC modes. Always associated with OSC2 pin function. EMUD EMUC EMUD1 EMUC1 EMUD2 EMUC2 I/O I/O I/O I/O I/O I/O ST ST ST ST ST ST ICD Primary Communication Channel data input/output pin. ICD Primary Communication Channel clock input/output pin. ICD Secondary Communication Channel data input/output pin. ICD Secondary Communication Channel clock input/output pin. ICD Tertiary Communication Channel data input/output pin. ICD Tertiary Communication Channel clock input/output pin. INT0 INT1 INT2 I I I ST ST ST External interrupt 0 External interrupt 1 External interrupt 2 SFLT1 SFLT2 SFLT3 PWM1L PWM1H PWM2L PWM2H I I I O O O O ST ST ST — — — — Shared Fault Pin 1 Shared Fault Pin 2 Shared Fault Pin 3 PWM 1 Low output PWM 1 High output PWM 2 Low output PWM 2 High output MCLR I/P ST Master Clear (Reset) input or programming voltage input. This pin is an active low Reset to the device. OC1 O — Compare outputs. OCFLTA I ST Output Compare Fault Pin OSC1 OSC2 I I/O CMOS — Oscillator crystal input. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Optionally functions as CLKO in FRC and EC modes. PGD PGC PGD1 PGC1 PGD2 PGC2 I/O I I/O I I/0 I ST ST ST ST ST ST In-Circuit Serial Programming™ data input/output pin. In-Circuit Serial Programming clock input pin. In-Circuit Serial Programming data input/output pin 1. In-Circuit Serial Programming clock input pin 1. In-Circuit Serial Programming data input/output pin 2. In-Circuit Serial Programming clock input pin 2. RB0-RB7 I/O ST PORTB is a bidirectional I/O port. RA9 I/O ST PORTA is a bidirectional I/O port. RD0 I/O ST PORTD is a bidirectional I/O port. Legend: CMOS = CMOS compatible input or output Analog = Analog input ST = Schmitt Trigger input with CMOS levels O = Output I = Input P = Power |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |