| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3372 bảng dữ liệu(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
3372 bảng dữ liệu(HTML) 4 Page - 3M Electronics |
|
4 / 5 page ![]() 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Pak 100 4-Wall Header .100 ″ × .100″ Latch/Ejector, Straight and Right Angle, Accessories 3000 Series TS-0772-04 Sheet 4 of 4 Mounting Hardware Polarizing Keys .31 [7.9] .50 [12.7] .15 [3.8] .09 [2.3] A Breakaway Tab .34 Ref [8.6] Panhead Thread Cutting Screw: #4-24 X 5/16 ″ Type: USA Std BT, Federal BG Hex Head Bolt, Nut and Washer Bolt - #2-56 X 1/2 ″ 3341-5 (Installed from bottom of board) 3341-6 (Right angle product only) 3341-5 & 6 Material - Stainless Steel Note: #2216 B/A Scotchweld can be used to adhere keys. .321 [8.15] .100 Dia [2.54] Polarizing Post Note: Insert Post into one mounting hardware hole on bottom of header. Set post to protrude .115 ″. Part N um ber M aterial C olor D im A N 3518 N ylon Black 0.02 P a rt N u m b er M a teria l C o lo r 320 1-4 L C P B lac k |