| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3433 bảng dữ liệu(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
3433 bảng dữ liệu(HTML) 2 Page - 3M Electronics |
|
2 / 5 page ![]() 3M Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Pak 100 4-Wall Header .100 ″ × .100″ Latch/Ejector, Straight and Right Angle 3000 Series -X202 Header with Short Ejector/Latch for 3M Sockets without Strain Relief -X302 Header with Long Ejector/Latch for 3M Sockets with Strain Relief TS-0772-04 Sheet 2 of 4 .025 ± .002 Sq Typ [ 0.64 ] D .020 [0.51] .12 [3.0] Position 1 .100 Ref [2.54] .28 [7.1] Position 1 Orientation Triangle .21 [5.3] .24 [6.1] .30 [7.6] .0245 Typ .112 ± .010 [2.84] .049 Ref [1.24] .100 Ref [2.54] 2X ø .100 [2.54] (See Note 2) A C .16 [4.1] Notch C (See Table 1 & Note 1) Notch B (See Table 1) Notch A (See Table 1 & Note1) B B Section B-B .100 Ref [2.54] (Right Angle) .68 [17.3] .35 [8.9] .020 [0.51] A A .0245 Typ Section A-A (Straight) .112 ± .010 [2.84] .30 [7.6] .24 [6.1] .025 ± .002 Sq Typ [ 0.64 ] B 2X ø.100 [2.54] (See Note 2) “Y” CL “Y” CL .25 [6.4] .34 [8.3] .197 [5.00] .20 [5.1] .424 ± .010 [ 10.77 ] .573 ± .010 [ 14.55 ] .08 [2.0] .97 Ref [24.6] .08 [2.0] .37 Ref [9.4] .46 Ref [11.7] 1.07 Ref [27.2] |