| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZRO0736B2LF bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
ZRO0736B2LF bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 727 729 731 733 735 737 739 741 743 745 747 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module ZRO0736B2LF A1 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. o °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 6 7 8 9 10 11 12 13 14 730 732 733 734 736 737 738 740 741 743 744 FREQUENCY (MHz) Physical Dimensions SOLDER MASK GOLD PLATED PADS REST GROUND PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc Z-COMM XXXXXXXX-LF W/O# D/C NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 |