| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LU82541PI bảng dữ liệu(PDF) 9 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LU82541PI bảng dữ liệu(HTML) 9 Page - Intel Corporation |
|
9 / 46 page ![]() Networking Silicon — 82541(PI/GI/EI) 11 2.0 Architectural Overview 2.1 External Architecture Block Diagram The 82541(PI/GI/EI) architecture is a derivative of the 82542, 82543, and 82544 designs that provided Media Access Controller (MAC) functionality as well as an integrated 10/100/1000Mbps copper PHY. The 82541(PI/GI/EI) family architecture now adds SMBus-based manageability and an integrated ASF controller functionality to the MAC. Figure 1. 82541(PI/GI/EI) External Architecture Block Diagram PCI (32bit,33/66MHz) S/W Defined Pins MDI Interface Design For Test Interface LED's EEPROM Flash Interface SM Bus Interface MAC/Controller 10/100/1000 PHY MDIO Interface GMII /MII Interface |