| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
21281EB bảng dữ liệu(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
21281EB bảng dữ liệu(HTML) 13 Page - Intel Corporation |
|
13 / 18 page ![]() SA-110 Specification Update 9 Errata Workaround: None is required for operating systems that do not use demand-paged memory-management schemes. For operating systems that are susceptible to this problem, a revision of the SA-110 device intended to be fully backward-compatible and to correct this problem has been developed. The following table list the SA-110 devices and their old and new part numbers. The new parts are available now: Status: Fix. Refer to Summary Table of Changes to determine the affected stepping(s). Device Old Part Number New Part Number SA-110-110 MHz 21281-BA 21281BB SA-110-160 MHz 21281-AA 21281AB SA-110-166 MHz 21281-DA 21281DB SA-110-200 MHz 21281-CA 21281CB SA-110-233 MHz 21281-EA 21281EB |