| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1650R-E/MS bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1650R-E/MS bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 30 page ![]() MCP1650/51/52/53 DS21876B-page 24 2004-2013 Microchip Technology Inc. 10-Lead Plastic Micro Small Outline Package (UN) (MSOP) Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not .037 REF F Footprint exceed .010" (0.254mm) per side. Notes: Drawing No. C04-021 *Controlling Parameter Mold Draft Angle Top Mold Draft Angle Bottom Foot Angle Lead Width Lead Thickness β α c B φ .003 .006 - .009 Dimension Limits Overall Height Molded Package Thickness Molded Package Width Overall Length Foot Length Standoff Overall Width Number of Pins Pitch A L E1 D A1 E A2 .016 .024 .118 BSC .118 BSC .000 .030 .193 BSC .033 MIN p n Units .020 TYP NOM 10 INCHES 0.95 REF - 0.23 .009 .012 0.08 0.15 - - 0.23 0.30 MILLIMETERS* 0.50 TYP. 0.85 3.00 BSC 3.00 BSC 0.60 4.90 BSC .043 .031 .037 .006 0.40 0.00 0.75 MIN MAX NOM 1.10 0.80 0.15 0.95 MAX 10 5° 15° 5° 15° - -- 0° - 8° 5° - 5° - 15° 15° JEDEC Equivalent: MO-187 8° 0° E L D β (F) B p E1 n φ α A2 1 2 c A1 A L1 - - -- Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |