| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJMC204EMM bảng dữ liệu(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJMC204EMM bảng dữ liệu(HTML) 72 Page - Microchip Technology |
|
72 / 330 page ![]() dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 DS70283K-page 72 © 2007-2012 Microchip Technology Inc. FIGURE 7-1: dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 INTERRUPT VECTOR TABLE Reset – GOTO Instruction 0x000000 Reset – GOTO Address 0x000002 Reserved 0x000004 Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector Reserved Reserved Reserved Interrupt Vector 0 0x000014 Interrupt Vector 1 ~ ~ ~ Interrupt Vector 52 0x00007C Interrupt Vector 53 0x00007E Interrupt Vector 54 0x000080 ~ ~ ~ Interrupt Vector 116 0x0000FC Interrupt Vector 117 0x0000FE Reserved 0x000100 Reserved 0x000102 Reserved Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector Reserved Reserved Reserved Interrupt Vector 0 0x000114 Interrupt Vector 1 ~ ~ ~ Interrupt Vector 52 0x00017C Interrupt Vector 53 0x00017E Interrupt Vector 54 0x000180 ~ ~ ~ Interrupt Vector 116 Interrupt Vector 117 0x0001FE Start of Code 0x000200 Interrupt Vector Table (IVT)(1) Alternate Interrupt Vector Table (AIVT)(1) Note 1: See Table 7-1 for the list of implemented interrupt vectors. |