công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJMC204IPT bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện DSPIC33FJMC204IPT
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204IPT bảng dữ liệu(HTML) 2 Page - Microchip Technology

  DSPIC33FJMC204IPT Datasheet HTML 1Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 2Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 3Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 4Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 5Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 6Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 7Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 8Page - Microchip Technology DSPIC33FJMC204IPT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 2
© 2007-2012 Microchip Technology Inc.
ds
PIC33FJ32MC202/204 and
dsPIC33FJ16MC304 Product Families
The device names, pin counts, memory sizes and
peripheral availability of each device are listed below.
The following pages show their pinout diagrams.
TABLE 1:
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 CONTROLLER FAMILIES
Device
Pins
Remappable Peripherals
dsPIC33FJ32MC202
28
32
2
16 3(1) 42
6ch(2)
2ch(2)
1
1
3
1
1ADC,
6 ch
121 SPDIP
SOIC
SSOP
QFN-S
dsPIC33FJ32MC204
44
32
2
26 3(1) 42
6ch(2)
2ch(2)
1
1
3
1
1ADC,
9 ch
135
QFN
TQFP
dsPIC33FJ16MC304
44
16
2
26 3(1) 42
6ch(2)
2ch(2)
1
1
3
1
1ADC,
9 ch
135
QFN
TQFP
Note 1: Only two out of three timers are remappable.
2: Only PWM fault inputs are remappable.
3: Only two out of three interrupts are remappable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More