công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33FJ64GP306 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện 33FJ64GP306
Giải thích chi tiết về linh kiện  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP306 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button 33FJ64GP306 Datasheet HTML 10Page - Microchip Technology 33FJ64GP306 Datasheet HTML 11Page - Microchip Technology 33FJ64GP306 Datasheet HTML 12Page - Microchip Technology 33FJ64GP306 Datasheet HTML 13Page - Microchip Technology 33FJ64GP306 Datasheet HTML 14Page - Microchip Technology 33FJ64GP306 Datasheet HTML 15Page - Microchip Technology 33FJ64GP306 Datasheet HTML 16Page - Microchip Technology 33FJ64GP306 Datasheet HTML 17Page - Microchip Technology 33FJ64GP306 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
dsPIC33F
DS70155C-page 12
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 3-3:
SAMPLE DATA SPACE MEMORY MAP
0x0000
0x07FE
SFR Space
0xFFFE
X Data RAM (X)
Least Significant Byte
Address
16 Bits
LSB
MSB
Most Significant Byte
Address
0x0001
0x07FF
0xFFFF
X Data
0x7800
Optionally
Mapped
into Program
Memory
Unimplemented (X)
0x0801
0x0800
2-Kbyte
SFR Space
0x4000
0x3FFE
DMA RAM
0x4001
0x3FFF
0x77FE
8-Kbyte
Data Space
0x77FF
0x7801
0x7FFF
0x7FFE
Note:
This data memory map is for the largest memory dsPIC33F device. Data memory maps for other
devices may vary.
Y Data RAM (Y)
0x8001
0x8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90