| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12ECT16B8CV1D bảng dữ liệu(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12ECT16B8CV1D bảng dữ liệu(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 73 NOTE: For devices assembled in 80-pin QFP packages all non-bonded out pins should be configured as outputs after reset in order to avoid current drawn from floating inputs. Refer to Table 2-1 for affected pins. 5.3.2 Memory Refer to Table 1-1 for locations of the memories depending on the operating mode after reset. The RAM array is not automatically initialized out of reset. |