công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8351ARM bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện AD8351ARM
Giải thích chi tiết về linh kiện  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8351ARM bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button AD8351ARM Datasheet HTML 8Page - Analog Devices AD8351ARM Datasheet HTML 9Page - Analog Devices AD8351ARM Datasheet HTML 10Page - Analog Devices AD8351ARM Datasheet HTML 11Page - Analog Devices AD8351ARM Datasheet HTML 12Page - Analog Devices AD8351ARM Datasheet HTML 13Page - Analog Devices AD8351ARM Datasheet HTML 14Page - Analog Devices AD8351ARM Datasheet HTML 15Page - Analog Devices AD8351ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
–14–
AD8351
EVALUATION BOARD
An evaluation board is available for experimentation. Various
parameters such as gain, common-mode level, and input and
output network configurations can be modified through minor
resistor changes. The schematic and evaluation board artwork
are presented in Figures 15, 16, and 17.
Figure 16. Component Side Layout
Figure 17. Component Side Silkscreen
2
1
3
4
5
9
10
8
7
6
PWUP
VOCM
RGP1
VPOS
INHI
OPHI
INLO
OPLO
RGP2
COMM
AD8351
10 PIN mSOIC
R2
24.9
R1
100
R7
0
R5
0
R8
0
R4
24.9
R3
OPEN
R12
0
J1
RF_IN+
J2
RF_IN–
R15
0
R16
0
C6
100nF
C7
100nF
R10
61.9
T2
1:1
ETC1-1-13
(MACOM)
R14
0
R13
OPEN
R11
61.9
R9
61.9
J3
RF_OUT+
J4
RF_OUT–
C3
0.1 F
R6
OPEN
R17
0
C2
100nF
AGND
VPOS
P1
R18
0
W1
C4
100nF
C5
100nF
T1
1:1
ETC1-1-13
(MACOM)
C10
100nF
C9
100nF
T3
1:1
ETC1-1-13
(MACOM)
J5
TEST IN2
T4
1:1
ETC1-1-13
(MACOM)
J6
TEST OUT2
Figure 15. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16