| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2D bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 126 page ![]() MC9S12DJ64 Device User Guide — V01.17 33 $0069 DLYCT Read: 000000 DLY1 DLY0 Write: $006A ICOVW Read: NOVW7 NOVW6 NOVW5 NOVW4 NOVW3 NOVW2 NOVW1 NOVW0 Write: $006B ICSYS Read: SH37 SH26 SH15 SH04 TFMOD PACMX BUFEN LATQ Write: $006C Reserved Read: Write: $006D TIMTST Test Only Read: 000000 TCBYP 0 Write: $006E Reserved Read: Write: $006F Reserved Read: Write: $0070 PBCTL Read: 0 PBEN 0000 PBOVI 0 Write: $0071 PBFLG Read: 000000 PBOVF 0 Write: $0072 PA3H Read: Bit 7 654321 Bit 0 Write: $0073 PA2H Read: Bit 7 654321 Bit 0 Write: $0074 PA1H Read: Bit 7 654321 Bit 0 Write: $0075 PA0H Read: Bit 7 654321 Bit 0 Write: $0076 MCCNT (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0077 MCCNT (lo) Read: Bit 7 654321 Bit 0 Write: $0078 TC0H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $0079 TC0H (lo) Read: Bit 7 654321 Bit 0 Write: $007A TC1H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007B TC1H (lo) Read: Bit 7 654321 Bit 0 Write: $007C TC2H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007D TC2H (lo) Read: Bit 7 654321 Bit 0 Write: $007E TC3H (hi) Read: Bit 15 14 13 12 11 10 9 Bit 8 Write: $007F TC3H (lo) Read: Bit 7 654321 Bit 0 Write: $0040 - $007F ECT (Enhanced Capture Timer 16 Bit 8 Channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |