| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5330 bảng dữ liệu(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5330 bảng dữ liệu(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() AD5304/AD5314/AD5324 Data Sheet Rev. H | Page 18 of 24 APPLICATIONS INFORMATION TYPICAL APPLICATION CIRCUIT The AD5304/AD5314/AD5324 can be used with a wide range of reference voltages where the devices offer full, one-quadrant multiplying capability over a reference range of 0 V to VDD. More typically, these devices are used with a fixed, precision reference voltage. Suitable references for 5 V operation are the AD780 and REF192 (2.5 V references). For 2.5 V operation, a suitable external reference would be the AD589, a 1.23 V band gap reference. Figure 40 shows a typical setup for the AD5304/ AD5314/AD5324 when using an external reference. AD5304/AD5314/ AD5324 VDD = 2.5V TO 5.5V SCLK REFIN DIN SYNC VOUTA VOUTB VOUTC VOUTD GND A0 SERIAL INTERFACE VOUT VIN EXTERNAL REFERENCE AD790/REF192 WITH VDD = 5V OR AD589 WITH VDD = 2.5V 1µF 0.1µF 10µF Figure 40. AD5304/AD5314/AD5324 Using External Reference If an output range of 0 V to VDD is required, the simplest solution is to connect the reference input to VDD. As this supply is not very accurate and can be noisy, the AD5304/AD5314/AD5324 can be powered from the reference voltage; for example, using a 5 V reference such as the REF195. The REF195 can output a steady supply voltage for the AD5304/AD5314/AD5324. The current required from the REF195 is 600 μA supply current and approxi- mately 112 μA into the reference input. This is with no load on the DAC outputs. When the DAC outputs are loaded, the REF195 also needs to supply the current to the loads. The total current required (with a 10 kΩ load on each output) is 712 μA + 4 (5 V/10 kΩ) = 2.70 mA The load regulation of the REF195 is typically 2 ppm/mA, resulting in an error of 5.4 ppm (27 μV) for the 2.7 mA current drawn from it. This corresponds to a 0.0014 LSB error at eight bits and 0.022 LSB error at 12 bits. Bipolar Operation Using the AD5304/AD5314/AD5324 The AD5304/AD5314/AD5324 have been designed for single supply operation, but a bipolar output range is also possible using the circuit in Figure 41. This circuit gives an output voltage range of ±5 V. Rail-to-rail operation at the amplifier output is achievable using an AD820 or an OP295 as the output amplifier. AD5304 REFIN GND VOUTA VOUTB VOUTC VOUTD SERIAL INTERFACE DIN SCLK SYNC VOUT VIN GND REF195 1µF 0.1µF 10µF +6V TO +16V VDD +5V –5V ±5V +5V AD820/ OP295 R1 = 10kΩ R2 = 10kΩ Figure 41. Bipolar Operation with the AD5304 The output voltage for any input code can be calculated as follows: ) 1 / 2 ( ) ( ) 2 / ( R R REFIN R1 R2 R1 D REFIN V N OUT where: D is the decimal equivalent of the code loaded to the DAC. N is the DAC resolution. REFIN is the reference voltage input: REFIN = 5 V, R1 = R2 = 10 kΩ VOUT = (10 × D/2N) − 5 V |