công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ32MC302EMM bảng dữ liệu(PDF) 92 Page - Microchip Technology

tên linh kiện DSPIC33FJ32MC302EMM
Giải thích chi tiết về linh kiện  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302EMM bảng dữ liệu(HTML) 92 Page - Microchip Technology

Back Button DSPIC33FJ32MC302EMM Datasheet HTML 88Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 89Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 90Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 91Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 92Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 93Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 94Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 95Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 460 page
background image
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
DS70291G-page 92
© 2007-2012 Microchip Technology Inc.
55-64
0x000072-0x000084
0x000172-0x000184 Reserved
65
0x000086
0x000186
PWM1 – PWM1 Period Match
66
0x000088
0x000188
QEI1 – Position Counter Compare
67-68
0x00008A-0x00008C 0x00018A-0x00018C Reserved
69
0x00008E
0x00018E
DMA5 – DMA Channel 5
70
0x000090
0x000190
RTCC – Real Time Clock
71
0x000092
0x000192
FLTA1 – PWM1 Fault A
72
0x000094
0x000194
Reserved
73
0x000096
0x000196
U1E – UART1 Error
74
0x000098
0x000198
U2E – UART2 Error
75
0x00009A
0x00019A
CRC – CRC Generator Interrupt
76
0x00009C
0x00019C
DMA6 – DMA Channel 6
77
0x00009E
0x00019E
DMA7 – DMA Channel 7
78
0x0000A0
0x0001A0
C1TX – ECAN1 TX Data Request
79-80
0x0000A2-0x0000A4
0x0001A2-0x0001A4 Reserved
81
0x0000A6
0x0001A6
PWM2 – PWM2 Period Match
82
0x0000A8
0x0001A8
FLTA2 – PWM2 Fault A
83
0x0000AA
0x0001AA
QEI2 – Position Counter Compare
84-85
0x0000AC-0x0000AE 0x0001AC-0x0001AE Reserved
86
0x0000B0
0x0001B0
DAC1R – DAC1 Right Data Request
87
0x0000B2
0x0001B2
DAC1L – DAC1 Left Data Request
88-126
0x0000B4-0x0000FE 0x0001B4-0x0001FE Reserved
TABLE 7-1:
INTERRUPT VECTORS (CONTINUED)
Vector
Number
IVT Address
AIVT Address
Interrupt Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More