công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2R-P bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện P2R-P
Giải thích chi tiết về linh kiện  A Power Relay for a Variety of Purposes with Various Models
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2R-P bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  P2R-P Datasheet HTML 1Page - Omron Electronics LLC P2R-P Datasheet HTML 2Page - Omron Electronics LLC P2R-P Datasheet HTML 3Page - Omron Electronics LLC P2R-P Datasheet HTML 4Page - Omron Electronics LLC P2R-P Datasheet HTML 5Page - Omron Electronics LLC P2R-P Datasheet HTML 6Page - Omron Electronics LLC P2R-P Datasheet HTML 7Page - Omron Electronics LLC P2R-P Datasheet HTML 8Page - Omron Electronics LLC P2R-P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
G2R
G2R
Specifications
I Coil Ratings
Note:
1. Rated voltage of bifurcated crossbar contact type: 100/(110) VAC, 200/(220) VAC, 230 VAC (Approx. 0.7 VA at 60 Hz)
2. Depending on the type of Relay, some Relays do not have coil specifications. Contact your OMRON representative for more
details.
Note:
Rated voltage of bifurcated crossbar contact type: 12 VDC, 24 VDC
High-sensitivity Relays
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of +15%/–20% (AC rated current)
or ±10% (DC coil resistance).
2. LEDs are used for the built-in operation indicator. For models equipped with these indications, the VAC rated current must be
increased by approximately 1 mA; the VDC rated current, by approximately 4 mA.
3. Operating characteristics are measured at a coil temperature of 23°C.
Rated voltage
12 VAC
24 VAC
100/
(110) VAC
120 VAC
200/ (220)
VAC
220 VAC
230 VAC
240 VAC
Rated current
50 Hz
93 mA
46.5 mA
11 mA
9.3 mA
5.5 (4.0)
mA
5.1 mA
4.7 (3.7) mA
4.7 mA
60 Hz
75 mA
37.5 mA
9/
(10.6) mA
7.5 mA
4.5 (5.3)
mA
4.1 mA
3.8 (3.1) mA
3.8 mA
Coil resistance
65
W
260
W
4,600
W
6,500
W
20,200
(25,000)
W
25,000
W 26,850
(30,000)
W
30,000
W
Coil inductance
(H) (ref. value)
Armature OFF
0.19
0.81
13.34
21
51.3
57.5
62
65.5
Armature ON
0.39
1.55
26.84
42
102
117
124
131
Must operate voltage
80% max. of rated voltage
Must release voltage
30% min. of rated voltage
Max. voltage
140% of rated voltage (at 23
•C)
Power consumption
Approx. 0.9 VA at 60 Hz (approx. 0.7 VA at 60 Hz)
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
100 VDC
Rated current (50/60 Hz)
106 mA
88.2 mA
43.6 mA
21.8 mA
11.5 mA
5.3 mA
Coil resistance
47
W
68
W
275
W
1,100
W
4,170
W
18,860
W
Coil inductance
(H) (ref. value)
Armature OFF
0.20
0.28
1.15
4.27
13.86
67.2
Armature ON
0.39
0.55
2.29
8.55
27.71
93.2
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.53 W
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
Rated current (50/60 Hz)
(see note 1.)
71.4 mA
60 mA
30 mA
15 mA
7.5 mA
Coil resistance (see note 1.)
70
W
100
W
400
W
1,600
W
6,400
W
Coil inductance
(H) (ref. value)
Armature OFF
0.37
0.53
2.14
7.80
31.20
Armature ON
0.75
1.07
4.27
15.60
62.40
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.36 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com