công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JC2AF-DC6V-F bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện JC2AF-DC6V-F
Giải thích chi tiết về linh kiện  Wide variation 1a 15A, 2a 10A power relays High inrush current capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JC2AF-DC6V-F bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  JC2AF-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor JC2AF-DC6V-F Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JC
RATING
1. Coil data
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
JC1a type
Contact
arrangement
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
1 Form A
6V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
150 mA
40
Ω
0.9W
110%V of
nominal voltage
12V DC
75 mA
160
Ω
0.9W
24V DC
37.5mA
640
Ω
0.9W
2 Form A
6V DC
166.6mA
36
Ω
1.0W
12V DC
83.3mA
144
Ω
1.0W
24V DC
41.6mA
576
Ω
1.0W
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Arrangement
1 Form A
2 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact force
Min. 30 g
Rating
Nominal switching capacity (resistive load)
15A 250V AC
10A 250V AC
Max. switching power (resistive load)
3,750VA
2,500VA
Max. switching voltage
250V AC
Max. switching current
15A
10A
Nominal operating power
900mW
1,000mW
Min. switching capacity (reference value)*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
2,000 Vrms for 1 min. (Detection current: 10 mA)
Between contacts sets
—
2,000 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 55
°C 131°F (By resistive method, nominal coil voltage applied to the coil, at 60°C 140°F)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 30 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 10 ms (excluding contact bounce time) (Without diode)
Mechanical
characteristics
Shock resistance
Functional
196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2.0 mm
Expected life
Mechanical (at 180 times/min.)
Min. 5
×106
Electrical (at 20 times/min.)
Min. 105 (10A 250V AC at rated load), Min. 105 (5A 250V AC at rated load)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –50
°C to +60°C –58°F to +140°F,
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 31 g 1.09 oz
1. Maximum value for switching capacity
2. Operate / release time
Contact voltage, V
15
10
10
1
100
400
0.1
1
AC resistive load
AC
inductive
load
(cos
ϕ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
4
3
2
1
80
100
120
0
Coil applied voltage, %V
Operate time
Release time
Max.
Min.
Max.
Min.
ASCTB79E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com