| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E3S-LS3C1D bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3S-LS3C1D bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
|
2 / 8 page ![]() E3S-LS E3S-LS 2 Specifications Ratings/Characteristics Item E3S-LS10X j4 E3S-LS20X j4 E3S-LS3C1D E3S-LS3RC4 Power supply voltage 12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max. 5 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max. 12 VDC –10% to 24 VDC +10%, ripple (p-p): 10% max. Current consumption 40 mA max. Sensing distance 3 to 10 cm (variable with distance adjuster) 5 to 25 cm (variable with distance adjuster) 3 ±0.5 cm Differential travel 0.5 mm max. at 3 cm 3 mm max. at 10 cm 5% max. --- Standard objects 1 x 1 cm white mat paper 5 x 7.5 cm white mat paper 1 x 1 cm white mat paper Control output DC solid-state Load Model with suffix -E4: 80 mA max. Model with suffix -B4: 100 mA max. 30 mA max. 50 mA max. ou pu so dsae Voltage output 1.1 V max. at 80 mA 2 V max. Response time (ON, OFF) 1 ms max. ON: 3 ms OFF: 100 ms 1 ms max. Sensitivity Adjustable --- Adjustable Operation mode Wire-selectable (Refer to “Output Circuit.”) --- Wire-selectable (Refer to “Output Circuit.” ) Indicators Light indicator (red), stability indicator (green) Operation indicator (red) Light indicator (red) Circuit protection Short circuit Mutual interference protection Provided --- Provided Enclosure rating IEC 144 IP67 IP40 NEMA 1, 3, 4X, 6, 12 --- Housing material Metal Plastic Light source Red LED Infrared LED Red LED Ambient temperature Operating: –25 to 55 °C Operating: –10 to 55 °C |