| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E2E2 bảng dữ liệu(PDF) 45 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E2E2 bảng dữ liệu(HTML) 45 Page - Omron Electronics LLC |
|
45 / 48 page ![]() E2E/E2E2 Cylindrical Proximity Sensor 45 E2E2 Pre-wired Models E2E2-X3D @ E2E2-X2 @@ E2E2-X8MD @ E2E2-X5M @@ E2E2-X7D @ E2E2-X5 @@ E2E2-X14MD @ E2E2-X10M @@ E2E2-X20MD @ E2E2-X18M @@ Indicator (See note.) Two clamping nuts Toothed washer M12 × 1 Indicator (See note.) Two clamping nuts Toothed washer M12 × 1 M18 × 1 Toothed washer Two clamping nuts Indicator (See note.) M18 × 1 Toothed washer Two clamping nuts Indicator (See note.) M30 × 1.5 Toothed washer Two clamping nuts Indicator (See note.) M30 × 1.5 Indicator (See note.) Two clamping nuts Toothed washer 4-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.3 mm2, Insulator diameter: 1.3 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) 4-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.3 mm2, Insulator diameter: 1.3 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) Note: D Models: Operation indicator (red), setting indicator (green) B, C, Y Model: Operation indicator (red) 6-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.5 mm2, Insulator diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). 6-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.5 mm2, Insulator diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). 6-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.5 mm2, Insulator diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). 6-dia. vinyl-insulated round cable with 2 conductors (D, Y Models)/3 conductors (B, C Models) (Conductor cross section: 0.5 mm2, Insulator diameter: 1.9 mm), Standard length: 2 m The cable can be extended up to 200 m (separate metal conduit). E2E2-X10D @@ E2E2-X10 @@ 21 dia. 17 60 55 4 10 9 21 dia. 9 dia. 17 60 55 4 7 10 9 29 dia. 24 65 60 4 10 12 29 dia. 14.8 dia. 24 65 60 4 10 10 12 42 dia. 36 70 65 5 10 12 42 dia. 26.8 dia. 36 70 65 5 13 10 12 |