công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A3P015-2CSG100ES bảng dữ liệu(PDF) 89 Page - Microsemi Corporation

tên linh kiện A3P015-2CSG100ES
Giải thích chi tiết về linh kiện  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015-2CSG100ES bảng dữ liệu(HTML) 89 Page - Microsemi Corporation

Back Button A3P015-2CSG100ES Datasheet HTML 85Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 86Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 87Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 88Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 89Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 90Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 91Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 92Page - Microsemi Corporation A3P015-2CSG100ES Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-75
Timing Characteristics
Table 2-100 • Output Enable Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tOECLKQ
Clock-to-Q of the Output Enable Register
0.59 0.67 0.79
ns
tOESUD
Data Setup Time for the Output Enable Register
0.31 0.36 0.42
ns
tOEHD
Data Hold Time for the Output Enable Register
0.00 0.00 0.00
ns
tOESUE
Enable Setup Time for the Output Enable Register
0.44 0.50 0.58
ns
tOEHE
Enable Hold Time for the Output Enable Register
0.00 0.00 0.00
ns
tOECLR2Q
Asynchronous Clear-to-Q of the Output Enable Register
0.67 0.76 0.89
ns
tOEPRE2Q
Asynchronous Preset-to-Q of the Output Enable Register
0.67 0.76 0.89
ns
tOEREMCLR Asynchronous Clear Removal Time for the Output Enable Register
0.00 0.00 0.00
ns
tOERECCLR
Asynchronous Clear Recovery Time for the Output Enable Register
0.22 0.25 0.30
ns
tOEREMPRE Asynchronous Preset Removal Time for the Output Enable Register
0.00 0.00 0.00
ns
tOERECPRE
Asynchronous Preset Recovery Time for the Output Enable Register
0.22 0.25 0.30
ns
tOEWCLR
Asynchronous Clear Minimum Pulse Width for the Output Enable Register
0.22 0.25 0.30
ns
tOEWPRE
Asynchronous Preset Minimum Pulse Width for the Output Enable Register 0.22 0.25 0.30
ns
tOECKMPWH Clock Minimum Pulse Width High for the Output Enable Register
0.36 0.41 0.48
ns
tOECKMPWL Clock Minimum Pulse Width Low for the Output Enable Register
0.32 0.37 0.43
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com