| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADT7420UPCZ bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADT7420UPCZ bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 16 page ![]() Evaluation Board User Guide UG-138 Rev. A | Page 7 of 16 Log Data The software can save the acquired data into an Excel or text file by clicking the Log Data button, which opens the dialog box shown in Figure 7 From this window, you can choose to log the ADC, the Celsius value, or both, as well as set the logging interval (see Figure 7). Figure 9. Data Logging Temperature Values This section gives you an update of all the temperature limits and the temperature reading of the part. These values are a replica of the ADC values in the Set Temperature Limits section, converted into degrees Celsius. The graph labeled Temperature in Celsius displays the variation in time of the high and low temperature limits as well as the current tempera- ture in degrees Celsius. Register Map This section displays all the register values for the part. You can read or write to any register by using the Read and Write buttons (see Figure 8). Easy Setup The Easy Setup button restores all registers with default values. Close This button closes the current window and returns to the selection window (see Figure 3). Figure 10. Register Map |