| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4351 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4351 bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 8 page ![]() UG-521 Evaluation Board User Guide Rev. 0 | Page 4 of 8 EVALUATION BOARD SOFTWARE QUICK START PROCEDURES The control software for EVAL-CN0285-EB1Z uses the standard ADF4351 programming software. For more details on the installation of this software, consult UG-435, Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer. After installing the software, run the software by clicking the ADI ADF435x file on the desktop or in the Start menu. The software front panel opens (see Figure 3). Confirm that Analog Devices RFG.L Eval Board connected is displayed in the bottom left corner of the window. Otherwise, the software has no connection to the evaluation board. In this case, check that the cable connection and USB drivers are correctly installed. Program the RF output frequency in the Main Controls tab of the software front panel. Figure 3. Software Front Panel |