| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFH4253DPBF bảng dữ liệu(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFH4253DPBF bảng dữ liệu(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() IRFH4253DPbF 11 www.irf.com © 2013 International Rectifier June 10, 2013 Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Dual PQFN 5x6 Outline “H” Package Details For more information on board mounting, including footprint and stencil recommendation, please refer to application note AN-1136: http://www.irf.com/technical-info/appnotes/an-1136.pdf For more information on package inspection techniques, please refer to application note AN-1154: http://www.irf.com/technical-info/appnotes/an-1154.pdf 0.4 0 0.8 0 0.0 0 MIN IM U M 0.7 8 0.3 0 4.0 1 D E2 L2 D2 e E Sy m bo l Th ick ne ss A b A1 Dim e n s io n Ta b l e 0.60 MAX IM U M 0.05 1.0 0 0.50 4.2 6 1.0 3 6 .0 0 BSC 0.5 0 1 .27 B S C 5 .0 0 BSC 4.1 6 0.9 3 NO M IN A L 0.0 2 0.9 0 V : Ve r y T h in 0.4 0 6 N OTE 0.2 0 K -- - -- - 2.67 4.6 6 4.41 2.4 2 D1 E1 2.5 7 4.5 6 1.8 7 1.7 7 1.6 7 L1 A B D SIDE VIEW 4 INDEX AREA (D/2xE/2) A1 C TOP VIEW BOTTOM VIEW PIN#1 ID R0.30 D1 8x K L1 D2 8x b 7x L2 1.08 0.48 1.15 0.94 |