công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS70VV bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện BAS70VV
Giải thích chi tiết về linh kiện  General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70VV bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button BAS70VV Datasheet HTML 4Page - NXP Semiconductors BAS70VV Datasheet HTML 5Page - NXP Semiconductors BAS70VV Datasheet HTML 6Page - NXP Semiconductors BAS70VV Datasheet HTML 7Page - NXP Semiconductors BAS70VV Datasheet HTML 8Page - NXP Semiconductors BAS70VV Datasheet HTML 9Page - NXP Semiconductors BAS70VV Datasheet HTML 10Page - NXP Semiconductors BAS70VV Datasheet HTML 11Page - NXP Semiconductors BAS70VV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
8 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
8.
Package outline
Fig 5.
Package outline SOD323 (SC-76)
Fig 6.
Package outline SOD523 (SC-79)
Fig 7.
Package outline SOT23 (TO-236AB)
Fig 8.
Package outline SOD123F
Fig 9.
Package outline SOD882
Fig 10. Package outline SOT323 (SC-70)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
02-12-13
Dimensions in mm
1.65
1.55
1.25
1.15
0.17
0.11
0.34
0.26
0.65
0.58
0.85
0.75
1
2
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
03-04-17
Dimensions in mm
0.55
0.47
0.65
0.62
0.55
0.50
0.46
cathode marking on top side
1.02
0.95
0.30
0.22
0.30
0.22
2
1
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20