công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STLUX385ATR bảng dữ liệu(PDF) 65 Page - STMicroelectronics

tên linh kiện STLUX385ATR
Giải thích chi tiết về linh kiện  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR bảng dữ liệu(HTML) 65 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 61Page - STMicroelectronics STLUX385ATR Datasheet HTML 62Page - STMicroelectronics STLUX385ATR Datasheet HTML 63Page - STMicroelectronics STLUX385ATR Datasheet HTML 64Page - STMicroelectronics STLUX385ATR Datasheet HTML 65Page - STMicroelectronics STLUX385ATR Datasheet HTML 66Page - STMicroelectronics STLUX385ATR Datasheet HTML 67Page - STMicroelectronics STLUX385ATR Datasheet HTML 68Page - STMicroelectronics STLUX385ATR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
DocID024387 Rev 2
65/98
STLUX385A
Option bytes
nMSC_OPT0 (misc. config. reg0. protect)
nMSC_OPT0: not(MSC_OPT0) EMC byte protection.
OPTBL (option byte bootloader)
Bit 7-0:
BL[7:0] bootloader field checked by the internal BootROM code during the STLUX385A
initialization phase. The content of register locations 0x00487E, 0x00487F and
0x008000 determine the bootloader SW flow execution sequence.
OPTBL (option byte boot loader protect.)
nOPTBL: not(OPTBL) EMC byte protection.
Offset: 0x004816
Default value: 0xFF
76
5432
1
0
RFU
UARTline [1:0]
RFU
nBootsel [2:0]
r
r/w
r
r/w
Offset: 0x00487E
Default value: 0x00
76
5432
1
0
BL [7:0]
r/w
Offset: 0x00487F
Default value: 0x00
76
5432
1
0
nBL [7:0]
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99