| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLBC01 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLBC01 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 40 page ![]() Vendor HCI commands STLBC01 34/40 DocID022984 Rev 2 9.6.2 Return parameters for STBLC_SET_UART_BAUD_RATE 9.6.3 Returned events for STBLC_SET_UART_BAUD_RATE Command complete event. The STBLC01 changes the baud rate after sending the command complete event. This command is used only if no other event is in the controller HCI buffer. For this reason it is strongly recommended to use this command only after power-up or reset. Table 28. Return parameters for STBLC_SET_UART_BAUD_RATE Parameter Size Description Status 1 Standard BT error codes |