| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99H01XP bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99H01XP bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 53 page ![]() Table 23. Truth table N° Control pins Control bits Failure bits Output pins SPI DO Comment EN DIR PWM TS/ACT_OFF FW FW_PAS CP_LOW OV UV SC TSD WDTO GH1 GL1 GH2 GL2 GL_ER 1 0 X X X X X X X X X X X RL RL RL RL T Standby mode 2 1 X X X X X X X X X X X RL RL RL RL 1 Power-on reset 3 1 X X 0 X 0 0 000 0 0 L L L L 0 EXT_TS = 1 (external thermal shutdown) 4 1 X X 0 X 0 0 0 0 0 0 0 L L L L 0 EXT_TS = 0 (active Off) 5 1 X X 1 X X 1 0 0 0 0 0 RL RL RL RL 1 Charge pump voltage too low 6 1 X X 1 X X 0 0 0 0 1 0 RL RL RL RL 1 Internal thermal shutdown 7 1 X X 1 X X 0 1 0 0 0 0 L L L L 1 Overvoltage 8 1 X X 1 X X 0 0 1 0 0 0 L L L L 1 Undervoltage 9 1 X X 1 X X 0 001 0 0 L(1) L(1) L(1) L(1) 0 Short-circuit(1) 10 1 X X 1 X X 0 0 0 0 0 1 L L L L 1 Watchdog time out 11 1 0 1 1 X X 0 000 0 0 L H H L 0 - 12 1 X 0 1 0 0 0 0 0 0 0 0 L H L H 0 Act. free wheeling mode LS 13 1 0 0 1 0 1 0 0 0 0 0 0 L H L L 0 Pass. free wheeling mode LS 14 1 1 0 1 0 1 0 0 0 0 0 0 L L L H 0 Pass. free wheeling mode LS 15 1 1 1 1 X X 0 000 0 0 H L L H 0 - 16 1 X 0 1 1 0 0 0 0 0 0 0 H L H L 0 Act. free wheeling mode HS 17 1 0 0 1 1 1 0 0 0 0 0 0 L L H L 0 Pass. free wheeling mode HS 18 1 1 0 1 1 1 0 0 0 0 0 0 H L L L 0 Pass. free wheeling mode HS 1. Only the halfbridge (low-side and high-side) where one MOSFET is in short-circuit condition is switched-off. Both MOSFET’S of the other halfbridge remain active and driven by DIR and PWM. |