công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZASTSS bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện EZASTSS
Giải thích chi tiết về linh kiện  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZASTSS bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  EZASTSS Datasheet HTML 1Page - Panasonic Semiconductor EZASTSS Datasheet HTML 2Page - Panasonic Semiconductor EZASTSS Datasheet HTML 3Page - Panasonic Semiconductor EZASTSS Datasheet HTML 4Page - Panasonic Semiconductor EZASTSS Datasheet HTML 5Page - Panasonic Semiconductor EZASTSS Datasheet HTML 6Page - Panasonic Semiconductor EZASTSS Datasheet HTML 7Page - Panasonic Semiconductor EZASTSS Datasheet HTML 8Page - Panasonic Semiconductor EZASTSS Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
Z
2
A
3
C
4
T
5
3
6
0
7
A
8
A
9
A
10
J
11
12
10
22
47
100
220
470
1k
0
1
2
3
4
5
6
10 pF
22 pF
0
1
AAA
J
±5%
Thick Film Noise
Suppression and
Filtering
Components
Standard
Suffix for Special
Requirement
Dimension and
Circuit Configuration
Resistance
Tolerance
Design
Configuration
Common Code
R/C Standard Combination
CT
2.0 mm
1.2 mm
Chip RC
Networks
Resistance Value
Configuration
Capacitance Value
Configuration
E
1
Z
2
A
3
S
4
S
5
7
6
0
7
1
8
Y
9
A
10
J
11
12
SS
J
SS
CT
±5%
4.0 mm
2.1 mm
NT
6.4 mm
3.1 mm
Thick Film Noise
Suppression and
Filtering
Components
Suffix for Special
Requirement
Dimension and
Circuit Configuration
Resistance
Tolerance
Design Number
Common Code
DT
3.2 mm
1.6 mm
CT
2.0mm
1.2 mm
Chip RC
Networks
Resistance Value : 10
to 100 k
Capacitance Value : 10 pF to 180 pF
In above-mentioned range, it is possible to
choose optional R/C.
Resistance Value : 10
to 100 k
Capacitance Value : 10 pF to 33 pF
In above-mentioned range, it is possible to
choose optional R/C.
DT
Resistance Value : 10
to 100 k
Capacitance Value : 10 pF to 100 pF
In above-mentioned range, it is possible to
choose optional R/C.
NT
Resistance Value : 10
to 100 k
Capacitance Value : 220 pF to 1000 pF
In above-mentioned range, it is possible to
choose optional R/C.
E
1
Z
2
A
3
S
4
T
5
B
6
3
7
3
8
A
9
A
10
J
11
12
STB
22
47
100
220
470
1k
1
2
3
4
5
6
22 pF
47 pF
100 pF
1
2
3
AA
J
±5%
4.0 mm
2.1 mm
Thick Film Noise
Suppression and
Filtering
Components
Standard
Suffix for Special
Requirement
Dimension and
Circuit Configuration
Resistance
Tolerance
Design
Configuration
Common Code
R/C Standard Combination
Convex
terminal type
Chip RC
Networks
Resistance Value
Configuration
Capacitance Value
Configuration
E
1
Z
2
A
3
S
4
T
5
3
6
3
7
A
8
A
9
A
10
J
11
12
ST
22
47
100
220
470
1k
1
2
3
4
5
6
1
2
3
4
5
6
AAA
J
±5%
4.0 mm
2.1 mm
NT
6.4 mm
3.1 mm
Thick Film Noise
Suppression and
Filtering
Components
Standard
Suffix for Special
Requirement
Dimension and
Circuit Configuration
Resistance
Tolerance
Design
Configuration
Common Code
R/C Standard Combination
DT
3.2 mm
1.6 mm
Chip RC
Networks
Resistance Value
Configuration
Capacitance Value
Configuration ✽
✽ 220 pF to 1000 pF available for EZANT, 22 pF to 100 pF available for EZAST, EZADT
22 pF
47 pF
100 pF
220 pF
470 pF
1000 pF
■ Explanation of Part Numbers
● EZACT (R/C Standard Combination)
● EZACT • EZADT • EZASS • EZANT (R/C Except the standard Combination)
● EZASTB (R/C Standard Combination)
● EZADT • EZAST • EZANT (R/C Standard Combination)
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com