| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRF18BE471QB5RB bảng dữ liệu(PDF) 35 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PRF18BE471QB5RB bảng dữ liệu(HTML) 35 Page - Murata Manufacturing Co., Ltd. |
|
35 / 39 page ![]() DESIGN ENGINEERING KITS CHIP INDUCTOR KITS G-06-G Note: Design Kit Contents are subject to change without notice. 35 SURFACE MOUNT INDUCTORS EKLMQH4PA I SURFACE MOUNT 4.0X4.0MM FOR CHOKE WIRE WOUND TYPE No. Part Number Qty. 1 LQH44PN1R0NP0 10 2 LQH44PN2R2MP0 10 3 LQH44PN3R3MP0 10 4 LQH44PN4R7MP0 10 5 LQH44PN6R8MP0 10 6 LQH44PN100MP0 10 7 LQH44PN220MP0 10 EKLMM18FB I SURFACE MOUNT 0603 AND 0805 CHOKE MONOLITHIC TYPE No. Part Number Qty. 1 LQM18FN1R0M00 10 2 LQM18FN2R2M00 10 3 LQM18FN4R7M00 10 4 LQM18FN100M00 10 5 LQM21FN1R0N00 10 6 LQM21FN2R2N00 10 7 LQM21FN4R7M70 10 8 LQM21FN4R7M80 10 9 LQM21FN100M70 10 10 LQM21FN100M80 10 11 LQM21FN220N00 10 12 LQM21FN470N00 10 13 LQM31FN100M00 10 EKLMH32CC I SURFACE MOUNT 1210 FOR CHOKE WIRE WOUND TYPE No. Part Number Qty. 1 LQH32CNR15M33 10 2 LQH32CNR27M33 10 3 LQH32CNR47M33 10 4 LQH32CN1R0M33 10 5 LQH32CN2R2M33 10 6 LQH32CN4R7M33 10 7 LQH32CN100K33 10 8 LQH32CN1R0M23 10 9 LQH32CN2R2M23 10 10 LQH32CN4R7M23 10 11 LQH32CN100K23 10 12 LQH32CN220K23 10 13 LQH32CN470K23 10 14 LQH32CN101K23 10 15 LQH32CN221K23 10 16 LQH32CN331K23 10 17 LQH32CN391K23 10 18 LQH32CN471K23 10 19 LQH32CN561K23 10 20 LQH32CN1R0M53 10 21 LQH32CN2R2M53 10 22 LQH32CN4R7M53 10 23 LQH32CN100K53 10 24 LQH32CN150K53 10 25 LQH32CN220K53 10 26 LQH32CN330K53 10 27 LQH32CN470K53 10 28 LQH32CN680K53 10 29 LQH32CN101K53 10 No. Part Number Qty. 1 LQH3NPN1R0NG0 10 2 LQH3NPN1R5NG0 10 3 LQH3NPN2R2NG0 10 4 LQH3NPN3R3NG0 10 5 LQH3NPN4R7NG0 10 6 LQH3NPN6R8NG0 10 7 LQH3NPN100NG0 10 8 LQH3NPN150NG0 10 9 LQH3NPN220MG0 10 10 LQH3NPN330MG0 10 11 LQH3NPN470MG0 10 12 LQH3NPN680MG0 10 13 LQH3NPN101MG0 10 14 LQH3NPN151MG0 10 15 LQH3NPN221MG0 10 16 LQH3NPN251MG0 10 17 LQH3NPN1R0NJ0 10 18 LQH3NPN1R5NJ0 10 19 LQH3NPN2R2NJ0 10 20 LQH3NPN3R3NJ0 10 21 LQH3NPN4R7NJ0 10 22 LQH3NPN6R8NJ0 10 23 LQH3NPN100NJ0 10 24 LQH3NPN150NJ0 10 25 LQH3NPN220MJ0 10 26 LQH3NPN330MJ0 10 27 LQH3NPN470MJ0 10 28 LQH3NPN1R0MM0 10 29 LQH3NPN2R2MM0 10 30 LQH3NPN3R3MM0 10 31 LQH3NPN4R7MM0 10 32 LQH3NPN6R8MM0 10 33 LQH3NPN100MM0 10 34 LQH3NPN1R0NM0 10 35 LQH3NPN2R2NM0 10 36 LQH3NPN3R3NM0 10 37 LQH3NPN4R7NM0 10 38 LQH3NPN6R8NM0 10 39 LQH3NPN100NM0 10 40 LQH3NPN220MM0 10 41 LQH3NPN330MM0 10 42 LQH3NPN470MM0 10 43 LQH3NPN101MM0 10 44 LQH32PNR47NN0 10 45 LQH32PN1R0NN0 10 46 LQH32PN1R5NN0 10 47 LQH32PN2R2NN0 10 48 LQH32PN3R3NN0 10 49 LQH32PN4R7NN0 10 50 LQH32PN6R8NN0 10 51 LQH32PN100MN0 10 52 LQH32PN220MN0 10 EKLMQH3PC I SURFACE MOUNT 1210, 1212 FOR DC-DC CONVERTER WIRE WOUND TYPE EKLMH43CC I SURFACE MOUNT 1812 FOR CHOKE WIRE WOUND TYPE No. Part Number Qty. 1 LQH43CN1R0M03 10 2 LQH43CN1R5M03 10 3 LQH43CN2R2M03 10 4 LQH43CN3R3M03 10 5 LQH43CN4R7M03 10 6 LQH43CN6R8M03 10 7 LQH43CN100K03 10 8 LQH43CN150K03 10 9 LQH43CN220K03 10 10 LQH43CN330K03 10 11 LQH43CN470K03 10 12 LQH43CN680K03 10 13 LQH43CN101K03 10 14 LQH43CN151K03 10 15 LQH43CN221K03 10 16 LQH43CN331K03 10 17 LQH43CN471K03 10 EKLMQH5PA I SURFACE MOUNT 5.0X5.0MM FOR CHOKE WIRE WOUND TYPE No. Part Number Qty. 1 LQH55PN1R2NR0 10 2 LQH55PN2R2NR0 10 3 LQH55PN2R7NR0 10 4 LQH55PN3R3NR0 10 5 LQH55PN4R7NR0 10 6 LQH55PN6R8NR0 10 7 LQH55PN100MR0 10 8 LQH55PN220MR0 10 |