công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB81BA3IPFPEP bảng dữ liệu(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB81BA3IPFPEP
Giải thích chi tiết về linh kiện  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3IPFPEP bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button TSB81BA3IPFPEP Datasheet HTML 44Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 45Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 46Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 47Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 48Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 49Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 50Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 51Page - Texas Instruments TSB81BA3IPFPEP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
status transfer (continued)
PHY status transfers use the PINT terminal to serially send status information to the LLC as shown in Figure 23.
PHY status transfers (Table 33) can occur at any time during normal operation. The PHY uses the
PHY_INTERRUPT PHY status transfer when required to interrupt the LLC due to a configuration timeout, a
cable power failure, a port interrupt, or an arbitration timeout. When transferring PHY register contents, the PHY
uses either the solicited or the unsolicited register read status transfer. The unsolicited register 0 contents are
passed to the LLC only during initialization of the serial bus. After any PHY-link interface initialization, the PHY
sends a PHY status transfer indicating whether or not a bus reset occurred during the inactive period of the
PHY-link interface. If the PHY receives an illegal request from the LLC, then the PHY issues an
INTERFACE_ERROR PHY status transfer.
Each cell represents one clock sample time, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 23. PINT (PHY Interrupt) Stream
Table 33. PHY Status Transfer Encoding
PI[1:3]
NAME
DESCRIPTION
NUMBER OF BITS
000
NOP
No status indication
5
001
PHY_INTERRUPT
Interrupt indication: configuration timeout, cable power failure, port event
interrupt, or arbitration state machine timeout
5
010
PHY_REGISTER_SOL
Solicited PHY register read
17
011
PHY_REGISTER_UNSOL
Unsolicited PHY register read
17
100
PH_RESTORE_NO_RESET
PHY-link interface initialized; no bus resets occurred
5
101
PH_RESTORE_RESET
PHY-link interface initialized; a bus reset occurred
5
110
INTERFACE_ERROR
PHY received illegal request
5
111
Reserved
Reserved
Reserved
Most PHY status transfers are 5 bits long. The transfer consists of a start bit (always 1), followed by a request
type (see Table 33), and lastly followed by a stop bit (always 0). The only exception is when the transfer of a
register contents occurs. Solicited and unsolicited PHY register read transfers are 17 bits long and include the
additional information of the register address and the data contents of the register (see Table 34).
Table 34. Register Read (Solicited and Unsolicited) PHY Status Transfer Encoding
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1−3
Request type
A 010 or a 011 indicates a solicited or unsolicited register contents transfer
4−7
Address
Identifies the address of the PHY register whose contents are being transferred
8−15
Data
The contents of the register specified in bits 4 through 7
16
Stop bit
Indicates the end of the transfer (always 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com