| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK2521IPAPR bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK2521IPAPR bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 22 page ![]() TLK2521 1.0 to 2.5 Gbps 18BIT SERDES SLLS574D − JULY 2003 − REVISED JULY 2007 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 transmitter/receiver characteristics PARAMETER TEST CONDITION MIN TYP MAX UNIT VOD(p) VOD(p) = |VTXP-VTXN|, DC coupled. Preemphasis = high, See Figure 8 675 900 1280 mV VOD(p) VOD(p) = |VTXP-VTXN|, Preemphasis VOD, direct DC coupled. Preemphasis = low, See Figure 8 600 800 1210 mV VOD(pp−p) Differential, peak to peak output DC coupled. Preemphasis = high, See Figure 8 1350 1800 2560 mV VOD(pp−p) Differential, peak to peak output voltage with preemphasis DC coupled. Preemphasis = low, See Figure 8 1200 1600 2420 mV VOD(d) VD(d) = |VTXP-VTXN|, De-emphasis VOD, direct DC coupled. See Figure 8 500 750 1100 mV VOD(pp−d) Differential, peak to peak output voltage with deemphasis DC coupled. See Figure 8 1000 1500 2200 mV V(cmt) Transmit termination voltage range, (VTXP + VTXN)/2 1000 1250 1400 mV VID Receiver input voltage differential VID= |RXP – RXN| 200 mV Vcmr Receiver common-mode voltage range, (VRXP + VRXN)/2 1000 VDD− 350 mV Iin Receiver input leakage −10 10 µA Cin Receiver input capacitance 2 pF tt, tf Differential output signal rise, fall time (20% to 80%) RL = 50 Ω, CL = 5 pF, See Figure 12 100 150 ps Serial transmit data total jitter (peak-to-peak) Differential output jitter, random + deterministic, 223−1 PRBS pattern at 2.5 Gbps 0.15 UI Receive jitter tolerance Total input jitter, PRBS pattern, permitted eye closure at zero crossing 0.5 UI Tlatency TX latency At 1 Gbps 16 19 Bit Tlatency TX latency At 2.5 Gbps 18 21 Bit times Rlatency RX latency At 1 Gbps 88 95 Bit Rlatency RX latency At 2.5 Gbps 90 103 Bit times VOD(d) VOD(p) V(cmt) VOD(p) VOD(d) Bit Time Bit Time tr tf VOD(pp_p) VOD(pp_d) Figure 8. Differential and Common-Mode Output Voltage Definitions |