| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV321M7/NOPB bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 44 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-May-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LMV321M5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 85 A13 LMV321M5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 85 A13 LMV321M5X ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 85 A13 LMV321M5X/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 85 A13 LMV321M7 ACTIVE SC70 DCK 5 1000 TBD Call TI Call TI -40 to 85 A12 LMV321M7/NOPB ACTIVE SC70 DCK 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A12 LMV321M7X ACTIVE SC70 DCK 5 3000 TBD Call TI Call TI -40 to 85 A12 LMV321M7X/NOPB ACTIVE SC70 DCK 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 A12 LMV321Q1M5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AYA LMV321Q1M5X/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AYA LMV321Q3M5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 AZA LMV321Q3M5X/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 AZA LMV324M ACTIVE SOIC D 14 55 TBD Call TI Call TI -40 to 85 LMV324M LMV324M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324M LMV324MT ACTIVE TSSOP PW 14 94 TBD Call TI Call TI -40 to 85 LMV324 MT LMV324MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 MT LMV324MTX ACTIVE TSSOP PW 14 2500 TBD Call TI Call TI -40 to 85 LMV324 MT LMV324MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 MT |