| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLT10HH401100PN bảng dữ liệu(PDF) 39 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PLT10HH401100PN bảng dữ liệu(HTML) 39 Page - Murata Manufacturing Co., Ltd. |
|
39 / 40 page ![]() !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 186 No. Rated Current (A) Rated Voltage (Vdc) Common Mode Impedance (at 10MHz, 20 degrees C) Quantity (pcs.) oEKEPPL10B (Common Mode Choke Coil) Part Number PLT10HH401100PN PLT10HH501100PN PLT10HH9016R0PN PLT10HH1026R0PN 1 2 3 4 6 6 6 6 400 Ω (Typ.) 500 Ω (Typ.) 900 Ω (Typ.) 1000 Ω (Typ.) 100 100 100 100 10 10 6 6 Large Current Common Mode Choke Coils (Automotive Available) PL p Design Kits |