| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DB101/DF005 bảng dữ liệu(PDF) 2 Page - Kingtronics International Company |
|
|
|||||||||||||||||||||||||||||
DB101/DF005 bảng dữ liệu(HTML) 2 Page - Kingtronics International Company |
|
2 / 18 page ![]() Website: www.kingtronics.com Email: info@kingtronics.com Tel: (852) 8106 7033 Fax: (852) 8106 7099 2 BRIDGE RECTIFIER Max.Reverse Voltage Max.Aver. Rect.Current Peak Fwd. Surge Current Max.Fwd. Voltage @25℃ & Rated Io Maximum Reverse Current@Rated VRM & Tc Typical Thermal Resist. Operation Temp. Range TYPE NO. VRM(V) Io(A) IFSM(A) Rated Io(A) VF(V) IR@25℃ IR(uA) IR@100℃ IR(uA) RθJA/RθJL(℃/W) Tj(℃) Package DB103G 200 1.0 60 1.0 1.1 10 500 40 -55~+150 DB DB104G 400 1.0 60 1.0 1.1 10 500 40 -55~+150 DB DB105G 600 1.0 60 1.0 1.1 10 500 40 -55~+150 DB DB106G 800 1.0 60 1.0 1.1 10 500 40 -55~+150 DB DB107G 1000 1.0 60 1.0 1.1 10 500 40 -55~+150 DB DB151 50 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB152 100 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB153 200 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB154 400 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB155 600 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB156 800 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB157 1000 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DB DB151S 50 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB152S 100 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB153S 200 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB154S 400 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB155S 600 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB156S 800 1.5 60 1.5 1.1 5.0 5001) 40 -55~+150 DBS DB157S 1000 1.5 60 1.5 1.1 5.0 500 40 -55~+150 DBS W005 50 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W01 100 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W02 200 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W04 400 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W06 600 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W08 800 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB W10 1000 1.0 30 1.5 1.0 10 500 36 -55~+125 WOB RB151 50 1.5 35 1.0 1.0 10 500 36 -55~+125 WOB RB152 100 1.5 35 1.0 1.0 10 500 36 -55~+125 WOB RB153 200 1.5 35 1.0 1.0 10 500 36 -55~+125 WOB RB154 400 1.5 35 1.0 1.0 10 500 36 -55~+125 WOB RB155 600 1.5 35 1.0 1.0 10 500 36 -55~+125 WOB Note:1)TA=125℃ Note: Specifications are subject to change without notice. |