| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0603HP-R18X_L_ bảng dữ liệu(PDF) 1 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
0603HP-R18X_L_ bảng dữ liệu(HTML) 1 Page - Coilcraft lnc. |
|
1 / 2 page ![]() US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2012 This product may not be used in medical of high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check out web site for latest information. ChipInductors–0603HPSeries(1608) Document 537 -1 Document 537-1 Revised 05/02/12 Current Derating -40 -20 020406080 100 140 120 Ambient temperature (°C) 120 110 100 90 80 70 60 50 40 30 20 10 0 •HigherQandlowerDCRthanother0603inductors •HighestSRFvalues–ashighas16GHz •Excellentcurrenthandlingcapability–upto2100mA •54inductancevaluesfrom1.8to390nH 0 20 40 60 80 100 120 140 160 10 100 10000 1000 Frequency (MHz) 10 nH 150 nH 330 nH 24 nH 51 nH 82 nH Typical Q vs Frequency Typical L vs Frequency 1 10 100 1000 10 100 10000 1000 Frequency (MHz) 150 nH 330 nH 10 nH 24 nH 51 nH 82 nH Core material Ceramic Environmental RoHScompliant,halogenfreeoptional Terminations RoHScompliantsilver-palladium-platinum-glassfrit. Otherterminationsavailableatadditionalcost. Weight 2.0–3.2mg Ambient temperature –40°Cto+125°CwithIrmscurrent,+125°C to+140°Cwithderatedcurrent Storage temperature Component:–40°Cto+140°C. Tapeandreelpackaging:–40°Cto+80°C Resistance to soldering heat Maxthree40secondreflowsat +260°C,partscooledtoroomtemperaturebetweencycles Temperature Coefficient of Inductance (TCL) +25to+125ppm/°C Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/ 85%relativehumidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) Oneperbillionhours/onebillionhours,calculatedperTelcordiaSR-332 Packaging 2000per7 ″reel.Papertape:8mmwide,1mmthick, 4mmpocketspacing PCB washing Onlypurewateroralcoholrecommended A B overall C D I I J F F G H Recommended Land Pattern E terminal Terminal wraparound: approx 0.01/0,24 both ends Pick and place material A B C max (min – max) max D E F G H I J 0.069 0.034 – 0.043 0.037 0.015 0.029 0.013 0.038 0.040 0.027 0.028 inches 1,75 0,86 – 1,09 0,94 0,38 0,74 0,33 0,96 1,02 0,69 0,71 mm Note: Heightdimension(C)isbeforeoptionalsolderapplication.Formaximum heightdimensionincludingsolder,add0.006in/0,152mm. |
Số phần tương tự - 0603HP-R18X_L_ |
|
Mô tả tương tự - 0603HP-R18X_L_ |