| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8002AR bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8002AR bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 20 page ![]() REV. D –2– AD8002–SPECIFICATIONS (@ T A = 25 C, VS = 5 V, RL = 100 , RC 1 = 75 , unless otherwise noted.) Model AD8002A Conditions Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Small Signal Bandwidth, N Package G = +2, RF = 750 Ω 500 MHz G = +1, RF = 1.21 k Ω 600 MHz R Package G = +2, RF = 681 Ω 500 MHz G = +1, RF = 953 Ω 600 MHz RM Package G = +2, RF = 681 Ω 500 MHz G = +1, RF = 1 k Ω 600 MHz Bandwidth for 0.1 dB Flatness N Package G = +2, RF = 750 Ω 60 MHz R Package G = +2, RF = 681 Ω 90 MHz RM Package G = +2, RF = 681 Ω 60 MHz Slew Rate G = +2, VO = 2 V Step 700 V/ µs G = –1, VO = 2 V Step 1200 V/ µs Settling Time to 0.1% G = +2, VO = 2 V Step 16 ns Rise and Fall Time G = +2, VO = 2 V Step, RF = 750 Ω 2.4 ns NOISE/HARMONIC PERFORMANCE Total Harmonic Distortion fC = 5 MHz, VO = 2 V p-p –65 dBc G = +2, RL = 100 Ω Crosstalk, Output to Output f = 5 MHz, G = +2 –60 dB Input Voltage Noise f = 10 kHz, RC = 0 Ω 2.0 nV/ √Hz Input Current Noise f = 10 kHz, +In 2.0 pA/ √Hz –In 18 pA/ √Hz Differential Gain Error NTSC, G = +2, RL = 150 Ω 0.01 % Differential Phase Error NTSC, G = +2, RL = 150 Ω 0.02 Degree Third Order Intercept f = 10 MHz 33 dBm 1 dB Gain Compression f = 10 MHz 14 dBm SFDR f = 5 MHz –66 dB DC PERFORMANCE Input Offset Voltage 2.0 6 mV TMIN–TMAX 2.0 9 mV Offset Drift 10 µV/°C –Input Bias Current 5.0 25 ±µA TMIN–TMAX 35 ±µA +Input Bias Current 3.0 6.0 ±µA TMIN–TMAX 10 ±µA Open Loop Transresistance VO = ±2.5 V 250 900 k Ω TMIN–TMAX 175 k Ω INPUT CHARACTERISTICS Input Resistance +Input 10 M Ω –Input 50 Ω Input Capacitance +Input 1.5 pF Input Common-Mode Voltage Range 3.2 ±V Common-Mode Rejection Ratio Offset Voltage VCM = ±2.5 V 49 54 dB –Input Current VCM = ±2.5 V, T MIN–TMAX 0.3 1.0 µA/V +Input Current VCM = ±2.5 V, T MIN–TMAX 0.2 0.9 µA/V OUTPUT CHARACTERISTICS Output Voltage Swing RL = 150 Ω 2.7 3.1 ±V Output Current 2 70 mA Short Circuit Current 2 85 110 mA POWER SUPPLY Operating Range ±3.0 ±6.0 V Quiescent Current/Both Amplifiers TMIN–TMAX 10.0 11.5 mA Power Supply Rejection Ratio +VS = +4 V to +6 V, –VS = –5 V 60 75 dB –VS = – 4 V to – 6 V, +VS = +5 V 49 56 dB –Input Current TMIN–TMAX 0.5 2.5 µA/V +Input Current TMIN–TMAX 0.1 0.5 µA/V NOTES 1R C is recommended to reduce peaking and minimize input reflections at frequencies above 300 MHz. However, R C is not required. 2Output current is limited by the maximum power dissipation in the package. See the power derating curves. Specifications subject to change without notice. |