| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLM18HB331SN1 bảng dữ liệu(PDF) 80 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
BLM18HB331SN1 bảng dữ liệu(HTML) 80 Page - Murata Manufacturing Co., Ltd. |
|
80 / 88 page ![]() !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 91 BLp BLM02 BLM03 BLM15 BLM18 BLM21 • Except BLM03PG/15AX·PD·PG/18PG·KG·SG/21PG. And BLM02/03/15/18G is specially adapted for reflow soldering. Reflow Reflow Reflow Flow (except 18G) Reflow Flow/ Reflow Type 0.16-0.2 0.2-0.3 0.4 0.7 1.2 a 0.4-0.56 0.6-0.9 1.2-1.4 2.2-2.6 1.8-2.0 3.0-4.0 b Soldering 0.2-0.23 0.3 0.5 0.7 1.0 c oReflow and Flow BLMppAX/P/K/S BLM Series BLM02 BLM03 BLM15 BLM18 BLM21 BLM31 BLM41 a b a b (Except BLM 15_AN1 series) Land Pattern Land Pattern + Solder Resist Solder Resist (in mm) 1. Standard Land Pattern Dimensions Soldering and Mounting Chip Ferrite Bead BLA2A BLA31 oReflow Soldering oReflow and Flow BLA2A BLA31 • If there are high amounts of self-heating on pattern, the contact points of PCB and part may become damaged. 0.4 0.8 Pitch 2.8 0.25 0.5 Pitch 1.75 BLM03AX BLM03PG BLM15AX BLM15Pp BLM18PG BLM18KG BLM18SG BLM21PG BLM31PG BLM41PG 1max. 1.5max. 2.2max. 0.5-1.5 1.7-2.5 3-4 6 1.5 2 3 6 1.5/2 3 6 1.5/2 3 6 0.3 0.5 0.7 1.0 1.2 0.2-0.3 0.4 0.7 1.2 2.0 3.0 3.0-4.0 4.2-5.2 5.5-6.5 0.3 0.5 1.2 0.7 1.2 2.4 6.4 1.0 1.2 2.4 6.4 1.2 2.4 6.4 1.2 2.4 6.4 0.3 0.5 0.7 0.7 0.7 1.2 3.3 1.0 1.0 1.2 3.3 1.2 1.2 3.3 1.2 1.2 3.3 0.3 0.5 0.5 0.7 0.7 0.7 1.65 1.0 1.0 1.0 1.65 1.2 1.2 1.65 1.2 1.2 1.65 18 µm35µm70µm 0.6-0.9 1.2-1.4 Type Land Pad Thickness and Dimension d Rated Current (A) ab c Soldering • Do not apply narrower pattern than listed above to BLMppAX/P/K/S. Narrow pattern can cause excessive heat or open circuit. Reflow Reflow Flow 2.2-2.6 Reflow 1.8-2.0 Flow/ Reflow |