công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EEEFC1V330AP bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện EEEFC1V330AP
Giải thích chi tiết về linh kiện  Aluminum Electrolytic Capacitors/ FC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1V330AP bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  EEEFC1V330AP Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1V330AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-33 –
A
±0.2
W
L
() Reference size
+
–
0.3 max.
Pressure Relief (
φ10 and larger)
22
FC
j
Capacitance (
µF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
Products Black Dot
(Square)
■ Features
● Endurance : 105 °C 1000 h
● Low impedance (1/2 for HA series)
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant
Surface Mount Type
Series:
FC Type: V
FC High temperature Lead-Free reflow(suffix:A✽)
■ Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 35 V.DC
Nominal Cap. Range
1 µF to 1500 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached High temperature lead-free reflow products list.
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
22222
Z(–40 °C) / Z(+20 °C)
33333
Endurance
After applying rated working voltage for 1000 hours at +105 °C±2 °C and then being stabilized
at +20 °C, Capacitors shall meet the following limits.
Capacitance change
±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
■ Dimensions in mm (not to scale)
■ Marking
Example:6.3 V 22 µF
Marking color : BLACK
HA
FC
Low impedance
Size
code
DL
A, B
H
I
W
P
K
B
4.0
5.4 -0.2
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 -0.20
C
5.0
5.4 -0.2
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 -0.20
D
6.3
5.4 -0.2
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 -0.20
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 -0.20
F
8.0
10.2±0.3
8.3
10.0 max.
3.4
0.90±0.2
3.1
0.70±0.2
G
10.0
10.2±0.3
10.3
12.0 max.
3.5
0.90±0.2
4.6
0.70±0.2
+0.1
+0.1
+0.1
+0.15
+0.15
+0.15
+0.15
Frequency (Hz)
50, 60
120
1 k
10 k
100 k to
Correction factor
0.70
0.75
0.90
0.95
1.00
■ Frequency correction factor for ripple current
j
6.3 V
A
10 V
C
16 V
Rated Voltage Mark
E
25 V
V
35 V
(Unit : mm)
00 Nov. 2012


Số phần tương tự - EEEFC1V330AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EEEFC1V330AP PANASONIC-EEEFC1V330AP Datasheet
74Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1V330AP PANASONIC-EEEFC1V330AP Datasheet
80Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1V330AP PANASONIC-EEEFC1V330AP Datasheet
61Kb / 2P
Aluminum Electrolytic Capacitors
More results

Mô tả tương tự - EEEFC1V330AP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
Aluminum Electrolytic Capacitors/FC
EEU-FC1E331 PANASONIC-EEU-FC1E331 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com