công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F256P33BF bảng dữ liệu(PDF) 32 Page - Micron Technology

tên linh kiện JS28F256P33BF
Giải thích chi tiết về linh kiện  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRON [Micron Technology]
Trang chủ  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BF bảng dữ liệu(HTML) 32 Page - Micron Technology

Back Button JS28F256P33BF Datasheet HTML 28Page - Micron Technology JS28F256P33BF Datasheet HTML 29Page - Micron Technology JS28F256P33BF Datasheet HTML 30Page - Micron Technology JS28F256P33BF Datasheet HTML 31Page - Micron Technology JS28F256P33BF Datasheet HTML 32Page - Micron Technology JS28F256P33BF Datasheet HTML 33Page - Micron Technology JS28F256P33BF Datasheet HTML 34Page - Micron Technology JS28F256P33BF Datasheet HTML 35Page - Micron Technology JS28F256P33BF Datasheet HTML 36Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
32
Order Number: 320003-08
If a block is locked or locked-down during an erase suspend of the same block, the lock
status bits change immediately. However, the erase operation completes when it is
resumed. Block lock operations cannot occur during a program suspend. See Appendix
A, “Write State Machine” on page 81, which shows valid commands during an erase
suspend.
10.2
Selectable OTP Blocks
Blocks from the main array may be optionally configured as OTP. Ask your local
Numonyx representative for details about any of these selectable OTP implementations.
10.3
Password Access
Password Access is a security enhancement offered on the P33-65nm device.This
feature protects information stored in main-array memory blocks by preventing content
alteration or reads until a valid 64-bit password is received. Password Access may be
combined with Non-Volatile Protection and/or Volatile Protection to create a multi-
tiered solution. Please contact your Numonyx Sales for further details concerning
Password Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com