| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685 bảng dữ liệu(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685 bảng dữ liệu(HTML) 43 Page - Microchip Technology |
|
43 / 306 page ![]() © 2008 Microchip Technology Inc. DS41262E-page 41 PIC16F631/677/685/687/689/690 2.2.2.6 PIR1 Register The PIR1 register contains the interrupt flag bits, as shown in Register 2-6. Note: Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding enable bit or the global enable bit, GIE of the INTCON register. User software should ensure the appropriate interrupt flag bits are clear prior to enabling an interrupt. REGISTER 2-6: PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1 U-0 R/W-0 R-0 R-0 R/W-0 R/W-0 R/W-0 R/W-0 — ADIF(5) RCIF(3) TXIF(3) SSPIF(4) CCP1IF(2) TMR2IF(1) TMR1IF bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 Unimplemented: Read as ‘0’ bit 6 ADIF: A/D Converter Interrupt Flag bit(5) 1 = A/D conversion complete (must be cleared in software) 0 = A/D conversion has not completed or has not been started bit 5 RCIF: EUSART Receive Interrupt Flag bit(3) 1 = The EUSART receive buffer is full (cleared by reading RCREG) 0 = The EUSART receive buffer is not full bit 4 TXIF: EUSART Transmit Interrupt Flag bit(3) 1 = The EUSART transmit buffer is empty (cleared by writing to TXREG) 0 = The EUSART transmit buffer is full bit 3 SSPIF: Synchronous Serial Port (SSP) Interrupt Flag bit(4) 1 = The Transmission/Reception is complete (must be cleared in software) 0 = Waiting to Transmit/Receive bit 2 CCP1IF: CCP1 Interrupt Flag bit(2) Capture mode: 1 = A TMR1 register capture occurred (must be cleared in software) 0 = No TMR1 register capture occurred Compare mode: 1 = A TMR1 register compare match occurred (must be cleared in software) 0 = No TMR1 register compare match occurred PWM mode: Unused in this mode bit 1 TMR2IF: Timer2 to PR2 Interrupt Flag bit(1) 1 = A Timer2 to PR2 match occurred (must be cleared in software) 0 = No Timer2 to PR2 match occurred bit 0 TMR1IF: Timer1 Overflow Interrupt Flag bit 1 = The TMR1 register overflowed (must be cleared in software) 0 = The TMR1 register did not overflow Note 1: PIC16F685/PIC16F690 only. 2: PIC16F685/PIC16F689/PIC16F690 only. 3: PIC16F687/PIC16F689/PIC16F690 only. 4: PIC16F677/PIC16F687/PIC16F689/PIC16F690 only. 5: PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |