công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G5LE-1-CF bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện G5LE-1-CF
Giải thích chi tiết về linh kiện  A Cubic, Single-pole 10-A Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1-CF bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  G5LE-1-CF Datasheet HTML 1Page - Omron Electronics LLC G5LE-1-CF Datasheet HTML 2Page - Omron Electronics LLC G5LE-1-CF Datasheet HTML 3Page - Omron Electronics LLC G5LE-1-CF Datasheet HTML 4Page - Omron Electronics LLC G5LE-1-CF Datasheet HTML 5Page - Omron Electronics LLC G5LE-1-CF Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
192
PCB Relay
G5LE
Specifications
■ Coil Ratings
700-mW Type (G5LE-G)
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
400-mW Type
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
360-mW Type
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
■ Contact Ratings
Note: Reference value-Plevel:
λ
60 =0.1x10
–6 operations
Rated voltage
9 VDC
12 VDC
20 VDC
48 VDC
Rated current
77.8mA
58.3mA
35.0mA
29.2mA
Coil resistance
115.7
Ω
205.7
Ω
571.4
Ω
822.9
Ω
Must operate voltage
75% max. of rated voltage (max.)
Must release voltage
10% min. of rated voltage (min.)
Max. voltage
120% of rated voltage at 85
°C, 150% of rated voltage at 23°C
Power consumption
Approx. 700 mW
Rated voltage
5 VDC
9 VDC
12 VDC
24 VDC
48 VDC
Rated current
79.4 mA
45 mA
33.3 mA
16.7 mA
8.33 mA
Coil resistance
63
Ω
200
Ω
360
Ω
1,440
Ω
5,760
Ω
Must operate voltage
75% max. of rated voltage (max.)
Must release voltage
10% min. of rated voltage (min.)
Max. voltage
130% of rated voltage at 85
°C, 170% of rated voltage at 23°C
Power consumption
Approx. 400 mW
Rated voltage
5 VDC
9 VDC
12 VDC
24 VDC
48 VDC
Rated current
72 mA
40 mA
30 mA
15 mA
7.5 mA
Coil resistance
70
Ω
225
Ω
400
Ω
1,600
Ω
6,400
Ω
Must operate voltage
75% max. of rated voltage (max.)
Must release voltage
10% min. of rated voltage (min.)
Max. voltage
130% of rated voltage at 85
°C, 170% of rated voltage at 23°C
Power consumption
Approx. 360 mW
Standard
G5LE-G
G5LE-E
Load
Resistive load (cos
φ =1)
Rated load
10Aat120 VAC;8Aat30VDC
10A at 240VAC (12 and 24 VDC coil)
10A at 35VDC
16A at 250VAC
Contact Material
AgSnO
2 (AgSnIn optional)
AgSnIn
AgSnIn
Rated carry current
10 A
10A
16A
Max. switching voltage
250 VAC, 125 VDC
(30 VDC when UL/CSA standard is applied)
35VDC
250VAC
Max. switching current
AC: 10 A; DC: 8 A
DC: 10A
AC: 16A
Max. switching power
1,200 VA, 240 W
350W
4,000VA
Minimum Permissible Load (See note)
100 mA at 5 VDC



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com