| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7404D bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7404D bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 35 page ![]() TDA7404 Description of functionality 13/35 4 Description of functionality 4.1 Input stages Most of the input stages have remained the same as in preceding ST-Audioprocessors with exception of the CD-inputs (see Figure 3). In the meantime there are some CD-players in the market which have a significant high source-impedance which effects strongly the common-mode-rejection of the normal differential input stage. The additional buffer of the TDA7404 Diff: ● input avoids this drawback and offers the full common-mode-rejection even with those CD-players. Figure 3. Input stages diagram 1. It is possible that the Differential input is switched a single ended input (SE4) like SE1.. 3. Diffin+ /(SE 4) Inga in 28k 28k 28k 28k Diffgnd Mono+ Mono - SE1 SE2 SE3 |