| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7404DTR bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7404DTR bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() TDA7404 Package information 33/35 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 19. SO-28 mechanical data and package dimensions SO-28 DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 2.65 0.104 a1 0.1 0.3 0.004 0.012 b 0.35 0.49 0.014 0.019 b1 0.23 0.32 0.009 0.013 C 0.5 0.020 c1 45 ° (typ.) D 17.7 18.1 0.697 0.713 E 10 10.65 0.394 0.419 e 1.27 0.050 e3 16.51 0.65 F 7.4 7.6 0.291 0.299 L 0.4 1.27 0.016 0.050 S8 ° (max.) OUTLINE AND MECHANICAL DATA |